|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1 publication order number : lc898122axa/d www.onsemi.com ? semiconductor component s industries, llc, 2015 march 2015 - rev. 1 ordering information see detailed ordering and shipping info rmation on page 12 of this data sheet. lc898122axa overview lc898122axa is a system lsi (wlp type) integrating a digital signal processing function for optical imag e stabilization (ois) / auto focus (af) control and driver. function ? digital signal processing ? built-in digital servo circuit ? built-in gyro filter ? ad converter ? 12bit ? input 3ch ? equipped with a sample-hold circuit ? da converter ? 8bit ? output 3ch ? built-in serial i/f circuit (2-wire i 2 c-bus) ? built-in hall bias circuit ? built-in hall amp (gain of op-amp : ? 6, ? 12, ? 50, ? 75, ? 100, ? 150, ? 200) ? built-in osc (oscillator) typ. 48mhz (frequency adjustment function) ? built-in ldo (low drop-out regulator) ? digital gyro i/f for the companies (spi bus) (please refer for the details) cmos lsi optical image stabilization (ois) / auto focus (af) controller & driver * i 2 c bus is a trademark of philips corporation. ? motor driver ? ois control & drive h bridge ? 2ch, i o max : 220ma ? af control & driver h bridge/constant current ? 1ch : 150ma ? package ? wlcsp30, 2.59mm ? 1.99mm, thickness max. 0.45mm, with b/c ? pd-free / halogen free ? power supply voltage ? ad/da/vga/ldo/osc : avdd30 = 2.6v to 3.6v ? digital i/o : dvdd30 = 2.6v to 3.6v ? driver : vm = 2.6v to 3.6v ? core logic : generation in ldo dvdd12 = typ 1.2v output wlcsp30, 2.59x1.99
lc898122axa www.onsemi.com 2 block diagram example of wiring diagram [hall, closed af] in lc898122axa lc898122axa www.onsemi.com 3 example of wiring diagram [hall(ois), open af] in lc898122axa lc898122axa www.onsemi.com 4 package dimensions unit : mm wlcsp30, 2.59x1.99 case 567hg issue o seating plane 0.05 c notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. coplanarity applies to spherical crowns of solder balls. 2x dim a min max millimeters a1 d 2.59 bsc e b 0.15 0.25 e 0.40 bsc 0.45 e d a b pin a1 reference e a 0.05 b c 0.03 c 0.05 c 30x b 45 c b a 0.10 c a1 a c 0.03 0.13 1.99 bsc 0.20 30x dimensions: millimeters *for additional information on our pb-free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 0.40 0.40 0.05 c 2x top view side view bottom view note 3 e recommended package outline 123 pitch d e pitch a1 30x die coat f e/2 lc898122axa www.onsemi.com 5 pin assignment bottom view 5 out5 out4 out3 pgnd out2 out1 4 out6 dgdata dgssb vm i2cdt i2cck 3 hlafbo dvss dgsclk dvdd30 iop2 iop1 2 hlybo hlxbo opinmaf opinmx opinmy iop0 1 opinpaf opinpx opinpy avss avdd30 dvdd12 f e d c b a driver analog vdd digital vdd analog gnd logic core vdd (output) digital gnd lc898122axa www.onsemi.com 6 lc898122axa www.onsemi.com 7 pin description lc898122axa www.onsemi.com 8 electrical characteristics logic 1) absolute maximum rating at v ss = 0v parameter symbol conditions ratings unit power supply voltage v dd 30 max ta 25 ? c ? 25 ? c ? 25 ? c ? 25 ? c ? ? ? c operating temperature topr ? ? c 2) alowable operating ratings at ta = ? 30 to 85 ? c,v ss = 0v 3.0v power supply (avdd30) parameter symbol min typ max unit power supply voltage v ad 30 2.6 3.0 3.6 v input voltage range v in 0 - 3.6 v 3.0v power supply (dvdd30) paramter symbol min typ max unit power supply voltage v dd 30 2.6 3.0 3.6 v input voltage range v in 0 - v dd 30 v 3) d.c. characteristics : input/output vss= 0v, vdd=2.6 to 3.6v, vdd2=2.6 to 3.6v, ta = ? 30 to 85 ? c parameter symbol conditions min typ max unit applicable pin high-level input voltage vih cmos schmidt 1.48 v i2cck, i2cdt, iop2 low-level input voltage vil 0.37 v high-level input voltage vih cmos supported 1.40 dgdata, dgsclk, dgssb, iop0, iop1 low-level input voltage vil 0.51 v high-level output voltage voh ioh= ? ? dgdata, dgsclk, dgssb, iop0, iop1, iop2 pulldown resistor rdn 50 220 k ? dgdata, dgsclk, dgssb, iop0, iop1, iop2 stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device functionality should n ot be assumed, damage may occur and reliability may be affected. functional operation above the stresses listed in the recommended operating ranges is not implied. extended exposure to stresses beyond the recomme nded operating ranges limits may affect device r eliab ility. product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product per formance may not be indicated by the electrical characteristics if operated under different conditions. lc898122axa www.onsemi.com 9 driver 1) absolute maximum ratings parameter symbol condition ratings symbol power supply voltage vmmax 4.6 v output peak current iopeak out1 to 4 t 10ms, on-duty 20% 300 ma out5, out6 t 10ms, on-duty 20% 200 ma output continuous current iomax out1 to 4 220 ma out5,out6 150 ma 2) operating range parameter symbol condition ratings symbol ambient temperature topg ? ? c power supply voltage vm 2.6 to 3.6 v 3) h-bridge driver output at ta=25 ? c, vm=3.0v parameter symbol condition ratings ( ? ) symbol output on resistance out1 to out4 ronu io=220ma(pch) 2.0 ? rond io=220ma(nch) 1.0 ? output on resistance out5, out6 ronu io=150ma(pch) 1.0 ? rond io=150ma(nch) 2.0(*) ? (*) include constant current detect resistance 4) constant current open-af driver output at ta=25 ? c, vm=2.8v condition 1 condition 2 output current *1 dac code of af driver af_d[9:0] dac gain of af driver dgaindaf(0083h[6:4]) (af_gain_d[2:0]) typ out5, out6 3ffh (full code) 4 150ma *1 output current is calculated by registance of vcm and (the drain-source voltage of nch driver tr) + (sense registance voltage). ex. in the case of "vm=3v" and "output current=100ma" (the drain-source voltage of nch driver tr) + (sense registance voltage)= max 0.5v. vcm registance (rvcm) = (2.8-0.5) / 0.1 = 23 ? stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device functionality should n ot be assumed, damage may occur and reliability may be affected. functional operation above the stresses listed in the recommended operating ranges is not implied. extended exposure to stresses beyond the recomme nded operating ranges limits may affect device r eliab ility. lc898122axa www.onsemi.com 10 ac characteristics power sequence avdd30 dvdd30 min. 0ms min. 0ms (*) don't care about injection order of vm lc898122axa www.onsemi.com 11 i 2 c interface timing i 2 c interface timing definition item symbol pin name min typ max units scl clock frequency fscl i2cck 400 khz start condition hold time thd,sta i2cck i2cdt 0.6 ? s scl clock low period tlow i2cck 1.3 ? s scl clock high period thigh i2cck 0.6 ? s setup time for repetition start condition tsu,sta i2cck i2cdt 0.6 ? s data hold time thd,dat i2cck i2cdt 0 (*1) 0.9 ? s data setup time tsu,dat i2cck i2cdt 100 ? s sda, scl rising time tr i2cck i2cdt 300 ? s sda, scl falling time tf i2cck i2cdt 300 ? s stop condition setup time tsu,sto i2cck i2cdt 0.6 ? s bus free time between stop and start tbuf i2cck i2cdt 1.3 ? s (*1) although the i 2 c specification defines a condition that 300 ns of hold time is required internally, lc898122xa is designed for a condition with typ. 30 ns of hold time. if sda signal is unstable around falling point of scl signal, please implement an appropriate treatment on bo ard, such as inserting a resistor lc898122axa www.onsemi.com 12 on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc) or its subsidiaries in the united st ates and/or other countries. scillc owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a lis ting of scillc?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf . scillc reserves the right to make changes with out further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any parti cular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specific ations can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated fo r each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc pro ducts are not designed, intended, or authorized for use as com ponents in systems int ended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees ar ising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that sci llc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject t oall applicable copyright laws and is not for resale in any manner. ordering information device package shipping (qty / packing) LC898122AXA-VH wlcsp30, 2.59x1.99 (pb-free / halogen free) 5000 / tape & reel ? for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. http://www .onsemi.com/pub_link/co llateral/brd8011-d.pdf |
Price & Availability of LC898122AXA-VH |